Part Number Hot Search : 
1N60E 2SC3466 4N27FM Z5233B 7MBR1 SEL4710K MM5451YV X0033TXB
Product Description
Full Text Search
 

To Download SAL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Sharma Tantalum Capacitors
RoHS Compliant
SAL SERIES
INTRODUCTION The SAL Series Tantalum Chip Capacitors are designed to cover high capacitance values with low losses in case sizes "D" and "E". This Series is suitable for special application requiring Low ESR,DF and DCL. FEATURES:
* LOW ESR, DF AND DC LEAKAGE CURRENT. * HIGH RIPPLE CURRENT CARRYING CAPABILITY. * HIGH SOLDER HEAT RESISTANCE - 269C, 5 TO 10 SECS. * COMPONENT REEL PACKING STDS- EIA-481-1 AND REELING PER IEC 286-3 IN 7" STANDARD REELS. WITH CONSISTENT DIMENSIONS AND SURFACE FINISH. * EPOXY MOLDED COMPONENTSONSERTION. ENGINEERED FOR AUTOMATIC * COMPATIBLE WITH ALL POPULAR HIGH SPEED ASSEMBLY MACHINES.
GENERAL SPECIFICATIONS CAPACITANCE RANGE: 10 F To 330 F. VOLTAGE RANGE: 6.3 VDC to 35 VDC. CAPACITANCE TOLERANCE: 20%(M), 10%(K), (5%(J) - UPON REQUEST). TEMPERATURE RANGE: -55 TO +125C WITH DERATING ABOVE 85C. ENVIRONMENTAL CLASSIFICATION: 55/125/56 (IEC68-2). DISSIPATION FACTOR: 10 TO 68 F 4% MAX, 100 TO 330 F 4% MAX. LEAKAGE CURRENT: PLEASE REFER TO RATINGS TABLE ON FOLLOWING PAGE. FAILURE RATE: 1% PER 1000 HRS. LIFE TEST DETAILS CAPACITORS SHALL WITHSTAND RATED DC VOLTAGE APPLIED AT 85C FOR 2000 HRS OR DERATED DC VOLTAGE APPLIED AT 125C FOR 1000 HRS. AFTER THE TEST: 1. CAPACITANCE CHANGE SHALL NOT EXCEED 10% OF INITIAL VALUE. 2. DISSIPATION FACTOR SHALL BE WITHIN THE NORMAL SPECIFIED LIMITS. 3. DC LEAKAGE CURRENT SHALL BE WITHIN 125% OF NORMAL LIMIT. 4. NO REMARKABLE CHANGE IN APPEARANCE. MARKINGS TO REMAIN LEGIBLE.
CASE DIMENSIONS IN MILLIMETERS (INCHES) CASE D E EIA/IEC 7343 7343H (TALLER) L 7.3 0.3 (0.287 0.012) 7.3 0.3 (0.287 0.012) W 4.3 0.3 (0.170 0.012) 4.3 0.3 (0.170 0.012) H 2.8 0.3 (0.110 0.012) 4.0 0.3 (0.158 0.012) l 1.3 0.3 (0.051 0.012) 1.3 0.3 (0.051 0.012) a 2.4 0.1 (0.095 0.004) 2.4 0.1 (0.095 0.004)
SAL SERIES RATINGS AND CASE CODES CAPACITANCE CODE 106 156 226 336 476 686 107 157 227 337 F 10 15 22 33 47 68 100 150 220 330 D E E E* D D D, E E* D D E E D D E E D D E 6.3V 10V RATED VOLTAGE DC at 85 C 16V 20V 25V 35V D E E
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327
Sharma Tantalum Capacitors
RoHS Compliant
SAL SERIES SPECIFICATIONS
6.3 V DC Rated Voltage Surge Voltage 8 VDC @ 85C and 5 VDC @ 125C SHARMA PART NUMBER SALD107K06R501 SALE157K06R501 SALE557K06R501 SALE557K06R501 CAP VALUE f 100 150 220 330 CASE CODE D E E E DCL (MAX) at 25C 4.8 7.2 10.6 15.8 DF% (MAX) at 25C 6 6 6 6 ESR (MAX) OHMS at 100 KHz. 0.100 0.100 0.100 0.100 RIPPLE(MAX) I rms Amps. at 100 KHz. 1.22 1.28 1.28 1.28
10 V DC Rated Voltage Surge Voltage 13 VDC @ 85C and 8 VDC @ 125C SHARMA PART NUMBER SALD686K10R501 CAP VALUE f 68 CASE CODE D DCL (MAX) at 25C 5.4 DF% (MAX) at 25C 4 ESR (MAX) OHMS at 100 KHz. 0.175 0.100 0.150 0.100 0.100 RIPPLE(MAX) I rms Amps. at 100 KHz. 0.93 1.22 1.22 1.28 1.28
SALD107K10R501 100 D 8.0 6 SALD157K10R501 150 D 8.0 6 SALE157K10R501 150 E 12.0 6 SALE227K10R501 220 E 17.5 6 16 V DC Rated Voltage Surge Voltage 20 VDC @ 85C and 12 VDC @ 125C SHARMA PART NUMBER SALD336K16R501 SALD476K16R501 SALE686K16R501 SALE107K16R501 CAP VALUE f 33 47 68 100 CASE CODE D D E E DCL (MAX) at 25C 4.2 6.0 8.7 12.6 DF% (MAX) at 25C 4 4 4 6
ESR (MAX) OHMS at 100 KHz. 0.225 0.175 0.150 0.150
RIPPLE(MAX) I rms Amps. at 100 KHz. 0.82 0.93 1.05 1.05
20 V DC Rated Voltage Surge Voltage 26 VDC @ 85C and 16 VDC @ 125C SHARMA PART NUMBER SALD226K20R501 SALD336K20R501 SALE476K20R501 SALE686K20R501 CAP VALUE f 22 33 47 68 CASE CODE D D E E DCL (MAX) at 25C 3.5 5.3 7.5 10.9 DF% (MAX) at 25C 4 4 4 4 ESR (MAX) OHMS at 100 KHz. 0.225 0.225 0.200 0.200 RIPPLE(MAX) I rms Amps. at 100 KHz. 0.82 0.82 0.91 0.91
25 V DC Rated Voltage Surge Voltage 32 VDC @ 85C and 20 VDC @ 125C SHARMA PART NUMBER SALD156K25R501 SALD226K25R501 SALE336K25R501 CAP VALUE f 15 22 33 CASE CODE D D E DCL (MAX) at 25C 3.0 4.4 6.6 DF% (MAX) at 25C 4 4 4 ESR (MAX) OHMS at 100 KHz. 0.275 0.250 0.225 RIPPLE(MAX) I rms Amps. at 100 KHz. 0.74 0.77 0.86
35 V DC Rated Voltage Surge Voltage 46 VDC @ 85C and 28 VDC @ 125C SHARMA PART NUMBER SALD106K35R501 SALE156K35R501 SALE226K35R501 CAP VALUE f 10 15 22 CASE CODE D E E DCL (MAX) at 25C 2.8 4.2 0.2 DF% (MAX) at 25C 4 4 4 ESR (MAX) OHMS at 100 KHz. 0.300 0.275 0.275 RIPPLE(MAX) I rms Amps. at 100 KHz. 0.71 0.77 0.77
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


▲Up To Search▲   

 
Price & Availability of SAL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X